Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PCB Fiches techniques, Datasheet

Description trouvée : 'PCB' - Totale: 9931 (1/497) Page
FabricantNo de pièceVoirDescription

Pulse A Technitrol Comp...
W3329 : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :

Molex Electronics Ltd.
0438790058 MINI-FIT JR. CONNECTOR SYSTEM COMPLIANT PIN INTERFACE (CPI) (WIRE TO PCB & PCB TO PCB)

MolexKits
76650-0233 PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block

Molex Electronics Ltd.
19427-0104 5.84mm Pitch MX150L™ Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 10 Circuits
5023820270 1.25mm Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, 1.25mm Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row
0194270049_18 5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 16Circuits
0678005001 1.27mm Pitch Serial ATA High Speed Header, Vertical, Surface Mount, withLocking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm PCB, with PCB Locator
19427-0018 5.84mm Pitch MX150L™ Right Angle PCB Header, Dual Row, without PCB Flange, 6 Circuits
19427-0103 5.84mm Pitch MX150L™ Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 12 Circuits
0194270040_18 5.84mm Pitch MX150L Right Angle PCB Header, Single Row, without PCB Flange, 2 Circuits
0471554041 1.27mm (.050) Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, Gold (Au) Flash, for 1.60mm PCB, Tail Length 2.10mm White, Footprint A, with PCB Locator Pegs, Lead-free
19427-0012 5.84mm Pitch MX150L™ Right Angle PCB Header, Dual Row, without PCB Flange, 12 Circuits

rfsolutions.ltd
SCRTM4RA-1 The SCRTM4RA is a PCB mounting terminal providing a simple method of attaching a low cost 4mm Screw thread antenna to a PCB

Molex Electronics Ltd.
19427-0109 5.84mm Pitch MX150L™ Right Angle PCB Header, Single Row, without PCB Flange, Gold (Au) Plated, 2 Circuits

DB Lectro Inc
HG4232 Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay

Molex Electronics Ltd.
0482016045 D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole,9 Circuits, 2 pcs M3 Inner Screw Thread, 0.76μm Gold (Au) Plating, PCB
0462070004 4.20mm Pitch Mini-Fit RTC™ Reflow High Temperature Compatible Header,Dual Row, Vertical, 4 Circuits, 1.57mm PCB Thickness, with PCB Pegs, LCP Housing, with Tin (Sn) Over Nickel (Ni) Plating
0462071208_18 4.20mm Pitch, Mini-Fit Jr. Reflow Solder Capable, Tray Header, Dual Row, Vertical, 8 Circuits, 3.18mm PCB Thickness, without PCB Pegs, LCP Housing, with Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Capable, Tray
0194270018_18 5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, 6Circuits
0194270104_18 5.84mm Pitch MX150L Right Angle PCB Header, Dual Row, without PCB Flange, Gold (Au) Plated, 10 Circuits

  1 2 3 4 5 6 7 8 9 10