Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

PACKAGES Fiches techniques, Datasheet

Description trouvée : 'PACKAGES' - Totale: 519 (1/26) Page
FabricantNo de pièceVoirDescription

Analog Devices
ADG888_15 CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages

Texas Instruments
LP2992_15 LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors

STMicroelectronics
STF32NM50N N-channel 500 V, 0.1 Ω typ., 22 A MDmesh™ II Power MOSFET in D²PAK, TO-220FP, TO-220, TO-247 packages
STF24N60M2 N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages

CTS Corporation
ATS270ASM-1 Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages

NXP Semiconductors
BAS316.115 High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages

STMicroelectronics
STF13NM60N N-channel 600 V, 0.28 Ω typ., 11 A MDmesh™ II Power MOSFET in TO-220FP, I²PAK, TO-220, IPAK, TO-247 packages
STF10N65K3 N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages

COSMO Electronics Corp...
KLE06WWX3 Cosmo’s high power LED packages can handle up to 350-500mA DC current

Rhombus Industries Inc.
T-11200 Token Ring Transformers - DIP / SMD Packages

Actel Corporation
BPW329-1270-23AB55 SE-BGG329-A, E-Tec lead free prototype socket drawing for BGG329 and BGG329 packages
IC149-100-125-B5 SY-VQG100, yamaichi lead free prototype socket drawing for VQG100 and VQG100 packages

Aavid, Thermal Division...
593202B03500 For use with TO-220 packages
580700B00000 For use with 40 PIN PLASTIC DIP packages
578205B00000 For use with TO-5 packages

STMicroelectronics
STD8NM50N N-channel 500 V, 0.73 Ω typ., 5 A MDmesh™II Power MOSFET in DPAK, TO-220 and IPAK packages

List of Unclassifed Man...
MB-4 Fits SOT-343 (SC-70) amplifier packages

Actel Corporation
BPW128-0830-12CB95 SE-CSG128-H, E-Tec lead free prototype socket drawing for CSG128 and CSG128 packages

Littelfuse
K2000YH It is offered in a DO-15 and TO-92 leaded packages

Actel Corporation
IC149-208-161-B5 SY-PQG208, yamaichi lead free prototype socket drawing for PQ208 and PQG208 packages

  1 2 3 4 5 6 7 8 9 10