Fabricant | No de pièce | Fiches technique | Description |
Roithner LaserTechnik G...
|
23-21UBGC |
320Kb/8P |
Reverse Package Chip LED |
LED430-04A |
101Kb/2P |
Dual LED, 5 mm package |
DL-4146-301S |
141Kb/2P |
Shot wavelength: 405nm Low threshold current lth 26mA Package 5.6mm |
DL-4146-101S |
113Kb/1P |
Short wavelength: 405nm Low threshold current:lth 28mA package 05.6mm with PD |
DL-LS5017 |
108Kb/1P |
Short wavelength 405nm Light Output 60mW CW Low threshoid current Package 5.6mm |
DL-3146-151 |
120Kb/1P |
Short wavelength : 405 nm Light Output 5mW CW Low threshold current lth 35mA Package 05.6mm |
LD-405-200 |
809Kb/4P |
Peak Wavelength: 405nm Optical Ouput Power: 200mW Multi Transverse Mode Package:5.6 mm, without Photodiode |
LD-445-1000MG |
372Kb/3P |
Multi Transverse Mode Peak Wavelength: 445 nm Optical Ouput Power: 1W Package:5.6 mm, dismounted |
LDM-0808-300M-91 |
186Kb/3P |
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package |
LDM-0980-300M-92 |
179Kb/3P |
CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package |
LDM-0808-1000-93 |
184Kb/3P |
CW Output Power: 1 W Typical 808 nm Emission Wavelength High-efficiency Quantum Well Structure TO5 Package |
DL-7146-101S |
542Kb/2P |
DL-7146-101S is a GaN based, multi transverse mode, 405 nm violet laser diode in TO18 package |
LDM-0980-002W-35 |
155Kb/4P |
Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode |
LD690-C350 |
156Kb/2P |
Lasing Mode Structure: multi mode Peck Wavelength : typ. 690nm Optical Ouput Power: 350 mW, CW Package: 9.0 mm, flat window |
LD1430-C003 |
332Kb/4P |
Lasing Mode Structure: single mode Peak Wavelength : typ. 1430 nm Optical Ouput Power: 3 mW, CW Package: 5.6 mm, flat window |
LD1490-C010 |
403Kb/3P |
Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window |
LD635-C220 |
156Kb/2P |
Lasing Mode Structure: multi mode Peack Wavelength: typ. 633 nm Optical Ouput Power: 220 mW, CW Package: 9.0 mm, flat window |
LD1550-C500 |
372Kb/3P |
Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request |
RLT390-50CMG |
619Kb/3P |
RLT390-50CMG is an Violet Laser Diode emitting at 390 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package |
RLT415-50CMG |
615Kb/3P |
RLT415-50CMG is an Violet Laser Diode emitting at 415 nm with rated output power of 50 mW CW at room temperature, in standard 5.6mm TO package |