Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

P-CHANNEL Fiches techniques, Datasheet

Description trouvée : 'P-Channel' - Totale: 34 (1/2) Page
FabricantNo de pièceVoirDescription

NXP Semiconductors
PMDT670UPE 20 V, 550 mA dual P-channel Trench MOSFET
PMK30EP P-channel TrenchMOS extremely low level FET
PMZB670UPE 20 V, single P-channel Trench MOSFET
PMPB15XP 12 V, single P-channel Trench MOSFET
PMN34UP 20 V, 5 A P-channel Trench MOSFET
PMDPB58UPE 20 V dual P-channel Trench MOSFET
PMDPB85UPE 20 V dual P-channel Trench MOSFET
NX3008PBKT 30 V, 200 mA P-channel Trench MOSFET
PMXB350UPE 20 V, P-channel Trench MOSFET
BSS84AKW 50 V, 150 mA P-channel Trench MOSFET
PMR670UPE 20 V, 480 mA P-channel Trench MOSFET
BSS84.215 P-channel enhancement mode vertical DMOS transistor
PMC85XP 30 V P-channel MOSFET with pre-biased NPN transistor
BSS84AK215 50 V, 180 mA P-channel Trench MOSFET
PMXB120EPE 30 V, P-channel Trench MOSFET
PHK04P02T_10 P-channel vertical D-MOS logic level FET Battery powered applications
PMN50XP P-channel TrenchMOS extremely low level FET
NX3008PBKS 30 V, 200 mA dual P-channel Trench MOSFET
PHP225_11 Dual P-channel intermediate level FET
PMF170XP 20 V, 1 A P-channel Trench MOSFET

  1 2