Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ON-CHIP Fiches techniques, Datasheet

Description trouvée : 'On-Chip' - Totale: 11 (1/1) Page
FabricantNo de pièceVoirDescription

Maxim Integrated Produc...
71M6103 On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
MAX106 ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
MAX19793 1500MHz to 6000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
MAX107 Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
MAX104 ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
MAX105 Dual, 6-Bit, 800Msps ADC with On-Chip, Wideband Input Amplifier
MAX19792 500MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
MAX106CHC-D ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
MAX19791 50MHz to 4000MHz Dual Analog Voltage Variable Attenuator with On-Chip 10-Bit SPI-Controlled DAC
MAX3507 Upstream CATV Amplifier with On-Chip Anti-Alias Filter
MAX108 ±5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier