Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ON-CHIP Fiches techniques, Datasheet

Description trouvée : 'On-Chip' - Totale: 541 (7/28) Page
FabricantNo de pièceVoirDescription

Freescale Semiconductor...
MPX5050 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4250GP Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

Sanyo Semicon Device
LC876D16A ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller

Broadcom Corporation.
BCM5382M 8FE+2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
BCM5380M 8FE+2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER

Motorola, Inc
MC68HC812A4 16-bit device composed of standard on-chip peripheral modules connected by an intermodule bus. Modules include

Analog Devices
AD7751 Energy Metering IC With On-Chip Fault Detection

Sanyo Semicon Device
LC662508A Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM

Texas Instruments
DAC38RF80 Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL

Analog Devices
AD5627R_15 Dual, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference, IC Interface

Sanyo Semicon Device
LC875BP4A ROM 256K/224K/192K/176K byte, RAM 4096K byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller

Freescale Semiconductor...
MPX5999D Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX2100 100kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors

Texas Instruments
TMS320DM6443 Digital Media System on-Chip

Microchip Technology
TC7129 4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers

Sanyo Semicon Device
LC865520B 8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM

Analog Devices
AD7764_07 24-Bit, 312 kSPS, 109 dB Σ-Δ ADC with On-Chip Buffers and Serial Interface

Broadcom Corporation.
BCM5325 FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER

  1 2 3 4 5 6 7 8 9 10