Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

OFFSET Fiches techniques, Datasheet

Description trouvée : 'Offset' - Totale: 19 (1/1) Page
FabricantNo de pièceVoirDescription

Texas Instruments
TLC274IDR The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
LM393-N LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
OPA2192 OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
LF411-N LF411 Low Offset, Low Drift JFET Input Operational Amplifier
TMP451 ±1°C Remote and Local Temperature Sensor with η-Factor and Offset Correction
LF412-N LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF411QML-SP_15 LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF147 The LF147 is a low cost, high speed quad JFET input operational amplifier with an internally trimmed input offset voltage ( BI-FET II™ technology).
TMP442_15 TMP451-Q1 ±1°C Remote and Local Temperature Sensor with η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
LM139-N The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
TMP451-Q1_15 TMP451-Q1 ±1°C Remote and Local Temperature Sensor with η-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
LM193-N The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
OPA4192_15 OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp with e-trim™
SM73308_15 Low Offset, Low Noise, RRO Operational Amplifier
UC1965 Precision Reference with Low Offset Error Amplifier
LP2996MRX-NOPB Source and Sink Current, Low Output Voltage Offset
UC3965DP Precision Reference with Low Offset Error Amplifier
OPA192_15 OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim™
LMV771_15 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers