Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



OVERALL Fiches techniques, Datasheet

Description trouvée : 'OVERALL' - Totale: 291 (1/15) Pages
FabricantNo de pièceVoirDescription
Company Logo Img
Molex Electronics Ltd.
0757570432 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 3 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 1.50μm (60μ) Minimum Select Matte Tin (Sn) Plating Overall
0757570121 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 2 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 2.50μm (100μ) Minimum Select Matte Tin (Sn) Plating Overall
0757570442 Datasheet pdf image 3.50mm (.138") Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 1.25μm (50μ") Nickel (Ni) Overall, 1.50μm (60μ") Minimum Select Matte Tin (Sn) Plating Overall
0757570151 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 5 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 2.50μm (100μ) Minimum Select Matte Tin (Sn) Plating Overall
0757570461 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 6 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 1.50μm (60μ) Minimum Select Matte Tin (Sn) Plating Overall
0757570431 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 3 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 1.50μm (60μ) Minimum Select Matte Tin (Sn) Plating Overall
0757570462 Datasheet pdf image 3.50mm (.138") Pitch, MX150™ Header, Breakaway, Vertical, 6 Circuits, 1.25μm (50μ") Nickel (Ni) Overall, 1.50μm (60μ") Minimum Select Matte Tin (Sn) Plating Overall
0757570421 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 2 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 1.50μm (60μ) Minimum Select Matte Tin (Sn) Plating Overall
0757570451 Datasheet pdf image 3.50mm (.138") Pitch, MX150™ Header, Breakaway, Vertical, 5 Circuits, 1.25μm (50μ")Nickel (Ni) Overall, 1.50μm (60μ") Minimum Select Matte Tin (Sn) Plating Overall,
0757570161 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 6 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 2.50μm (100μ) Minimum Select Matte Tin (Sn) Plating Overall
0757570441 Datasheet pdf image 3.50mm (.138) Pitch, MX150™ Header, Breakaway, Vertical, 4 Circuits, 1.25μm (50μ) Nickel (Ni) Overall, 1.50μm (60μ) Minimum Select Matte Tin (Sn) Plating Overall
0759001421 Datasheet pdf image 3.50mm (.138") Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 4 Circuits1.25μm (50μ") Nickel (Ni) Overall, 1.50μm (60μ") Minimum Select Matte Tin (Sn)Plating Overall, 3.05mm (.120") PC Tail Length
Company Logo Img
List of Unclassifed Man...
28399 Datasheet pdf image 24 AWG stranded (7x32) TC conductors, Datalene® insulation, twisted pairs, overall Beldfoil
Company Logo Img
General Cable Technolog...
C8120 Datasheet pdf image 6 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
Company Logo Img
Molex Electronics Ltd.
0759001301 Datasheet pdf image 3.50mm (.138") Pitch, MX150™ Dual Row Header, Breakaway, Right Angle, 20Circuits, 1.25μm (50μ") Nickel (Ni) Overall, 2.50μm (100μ") Minimum Select Matte TinSn) Plating on Tail, 0.75μm Minimum Select Gold (Au) Contact Area, 3.05mm (.120")
Company Logo Img
PHOENIX CONTACT
2854445 Datasheet pdf image Available in overall widths from 12.5 mm to 90 mm, modular extension is possible
Company Logo Img
General Cable Technolog...
C8112 Datasheet pdf image Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall FEP Jacketed Plenum Cable
Company Logo Img
Molex Electronics Ltd.
0878910606 Datasheet pdf image 2.54mm (.100) Pitch KK® Header, Through Hole, Breakaway, Vertical, 6 Circuits, 2.50μm (100μ) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
Company Logo Img
PHOENIX CONTACT
2713638 Datasheet pdf image Available in overall widths from 6.2 mm to 90 mm, modular extension is possible
Company Logo Img
Molex Electronics Ltd.
0878914006 Datasheet pdf image 2.54mm (.100) Pitch KK® Header, Through Hole, Breakaway, Vertical, 40 Circuits, 2.50μm (100μ) Tin (Sn) Overall Plating, Tray Packaging, Lead-free