Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



OUTPUT Fiches techniques, Datasheet

Description trouvée : 'OUTPUT' - Totale: 17381 (1/870) Pages
FabricantNo de pièceVoirDescription

Sanyo Semicon Device
2SC4217 Color TV Chroma Output, Sound Output, B/W TV Video Output, Sound Output Applications

Panasonic Semiconductor
MN101E29 Buzzer output. Inverted buzzer output. Remote control carrier output. High-current drive port

Injoinic Technology Co....
IP6518 Maximum output 45W, integrated Type-C PD output and various fast charge output protocols

NTE Electronics
NTE31 Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output

Galaxy Power, Inc.
GPA3V0-24H ARIES Series 5V Input, 3.3VDC, 24A Output, 3.2-5V Input, 2.5VDC, 24V Output

C&D Technologies
S111-0320XYZ-BB DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A

Rohm
BA78 1A Output 78 series Regulators 500mA Output 78 series Regulators

Texas Instruments
TPS752XXQ RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS

Rohm
BA7810CP-E2 1A Output 78 series Regulators 500mA Output 78 series Regulators

PHOENIX CONTACT
2701219 Inline analog output terminal, version for extreme conditions, complete with accessories (connector plug and labeling field), 1 output, 0 - 20 mA, 4 - 20 mA, 0 - 10 V, 2-conductor connection technology

Texas Instruments
TPS75201 TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
LP38690-ADJ LP38692-ADJ 1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors

KEC(Korea Electronics)
KTB1469 EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE TV, MONITOR VERTICAL OUTPUT, DRIVER STAGE, COLOR TV CLASS B SOUND OUTPUT)

AVAGO TECHNOLOGIES LIMI...
ACPL-P345 1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6

Texas Instruments
TPS62736_15 TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current

Toshiba Semiconductor
TA48S00AF 1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch

Potato Semiconductor Co...
PO49FCT32806A Potato Semiconductor’s PO49FCT32806A is designed for world top performance using submicron CMOS technology to achieve 700MHz TTL output frequency with less than 200ps output pulse skew.

KEC(Korea Electronics)
TA1275 EPITAXIAL PLANAR PNP TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)

Sanyo Semicon Device
2SC5347 High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifiers Applications 

List of Unclassifed Man...
9171 Single and dual output models with up to 210W output power