Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

OUTPUT Fiches techniques, Datasheet

Description trouvée : 'OUTPUT' - Totale: 54 (1/3) Page
FabricantNo de pièceVoirDescription

Vicor Corporation
DCM4623XD2N31C8YZZ Safety Extra Low Voltage (SELV) 28.0 V Nominal Output
PI3106_00 16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
IB054Q096T70N1-00 5:1 Intermediate Bus Converter Module: Up to 750 W Output
QPO-2L QPO-2L Low Voltage Output Ripple Attenuator
19-130040 ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
IB048Q120T53N1-00 4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050E096T40N1-00 5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N1-00 5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB0XXQ096T70XX-XX 5:1 Intermediate Bus Converter Module: Up to 750W Output
MICRORAM Output Ripple Attenuation Module
IB048Q096T64N1-00 5:1 Intermediate Bus Converter Module: Up to 650 W Output
QPO-2EVAL1 Evaluation Board for QPO-2 Active Output Filter
MEGA_MODULE 25 to 600 Watts DC-DC Converters Single, Dual,Triple Output Chassis Mount
24V Isolated output
IB050E120T40N1-00 4:1 Intermediate Bus Converter Module: Up to 500 W Output
VI-B2L-IW Isolated output
IB054E120T40N1-00 4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB0XE120T32XX-XX 4:1 Intermediate Bus Converter Module: Up to 300W Output
QP0-2-EVAL1 Evaluation Board for QPO-2 Active Output Filter
IB050E120T32N1-00 4:1 Intermediate Bus Converter Module: Up to 300 W Output

  1 2 3