Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



OUTPUT Fiches techniques, Datasheet

Description trouvée : 'OUTPUT' - Totale: 17381 (1/870) Pages
FabricantNo de pièceVoirDescription

Sanyo Semicon Device
2SC4217 Color TV Chroma Output, Sound Output, B/W TV Video Output, Sound Output Applications

Panasonic Semiconductor
MN101E29 Buzzer output. Inverted buzzer output. Remote control carrier output. High-current drive port

NTE Electronics
NTE31 Silicon Complementary Transistors TV Sound Output, TV Vertical Output, AF Driver Output

Injoinic Technology Co....
IP6518 Maximum output 45W, integrated Type-C PD output and various fast charge output protocols

Golledge Electronics Lt...
GXO-E72J 2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output

International Rectifier
IR3623MPBF HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING

AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E 0.6A maximum peak output current 0.5 A minimum peak output current

Panasonic Semiconductor
MN101C487 Timer counter 2 : 8-bit X 1 (square-wave/8-bit PWM output, event count, synchronous output event)

Bourns Electronic Solut...
S32A-5SDAC-RA 32-amp Output Current Nonisolated Output

PHOENIX CONTACT
2906155 Safe electrical isolation between output, input, supply, and error message output

Rohm
BA78M05FP-E2 1A Output 78 series Regulators 500mA Output 78 series Regulators

Toshiba Semiconductor
TA48LS00F 300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch

Texas Instruments
PCM2707C_15 PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output and S/PDIF Output
LP2985LV Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors

MPS Industries, Inc.
MP20043DGT-A-LF-Z Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge

Murata Manufacturing Co...
MPD7K046S 12V main output and 5V,1A Aux output

Unisonic Technologies
2SC2383_15 COLOR TV AUDIO OUTPUT COLOR TV VERTICAL OUTPUT

Rohm
BA3258HFP_11 Dual Output Secondary Fixed Output LDO Regulators

Texas Instruments
PCM2704C_15 PCM270xC Stereo Audio DAC With USB Interface, Single-Ended Headphone Output andS/PDIF Output

STMicroelectronics
STEVAL-ISA009V1 VIPer53-E single output reference design board with 90 to 264 VAC input and 24 W output