Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

ORIENTATION Fiches techniques, Datasheet

Description trouvée : 'ORIENTATION' - Totale: 102 (1/6) Page
FabricantNo de pièceVoirDescription

NXP Semiconductors
SOT163-1_518 SO20 Reel dry pack, SMD, 13 Q1/T1 standard product orientation Orderable part number ending ,518 or Y Ordering code (12NC) ending 518
SOT23_185 Tape reel SMD standard product orientation 12NC ending 185

STMicroelectronics
FC30 MEMS functional sensor:smart 3D orientation and click detection standalone device

Molex Electronics Ltd.
0740598561 VHDM Single-Ended Board-to-Board Backplane Header, 2.00mm Pitch, Vertical, 6 Rows, Guide Pin Signal Module, Shield End Version, 150 Circuits, 25 Columns, Pin Length 4.75mm, Key Orientation F

NXP Semiconductors
SOT361-1_118 TSSOP28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
SOT629-1_118 HVQFN16 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118
SOT223_115 Tape reel SMD; standard product orientation 12NC ending 115
SOT616-1_115 HVQFN24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,115 or J Ordering code (12NC) ending 115

Vishay Siliconix
DG3514DB Device Orientation Options for Analog ICs

NXP Semiconductors
SOT96-1_431 SO8 Reel sulfur barrier pack, SMD, 13 Q1/T1 standard product orientation Orderable part number ending ,431 or Z Ordering code (12NC) ending 431

Molex Electronics Ltd.
0740598512 VHDM Single-Ended Board-to-Board Backplane Header, 2.00mm Pitch, Vertical, 6 Rows, Guide Pin Signal Module, Shield End Version, 150 Circuits, 25 Columns, Pin Length 6.25mm, Key Orientation A

NXP Semiconductors
SOT54 Bulk pack standard product orientation 12NC ending 412
SOT662-1_118 HVQFN20 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118

Molex Electronics Ltd.
98273-1002 3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
0982731003 3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation

NXP Semiconductors
SOT96-1_515 SO8 Reel dry pack SMD, 7 Q1/T1 Standard product orientation Orderable part number ending ,515 or Z Ordering code (12NC) ending 515

Molex Electronics Ltd.
0740598511 VHDM Single-Ended Board-to-Board Backplane Header, 2.00mm Pitch, Vertical, 6 Rows, Guide Pin Signal Module, Shield End Version, 150 Circuits, 25 Columns, Pin Length 4.75mm, Key Orientation A

NXP Semiconductors
SOT23_215 Tape reel SMD standard product orientation 12NC ending 215
SOT788-1_118 HVQFN28 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,118 or J Ordering code (12NC) ending 118

Molex Electronics Ltd.
0740622594_18 2.00mm Pitch VHDM Single-Ended Board-to-Board Backplane Header, Vertical, 8 Rows, Guide Pin Signal Module, Shield End Version, 200 Circuits, 25 Columns, Pin Length 5.15mm, Key Orientation 9

  1 2 3 4 5 6