Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

OPERATION Fiches techniques, Datasheet

Description trouvée : 'OPERATION' - Totale: 19 (1/1) Page
FabricantNo de pièceVoirDescription

Hamamatsu Corporation
S4810 Low-voltage operation photo IC Operation at low voltage from 2.2 V
S9226 CMOS linear image sensor Built-in timing generator and signal processing circuit; single 3.3 V supply operation
P3257_07 MCT photoconductive detector Non-cooled type and TE-cooled type suitable for long, continuous operation
S9979_11 CCD area image sensor TDI operation / large active area CCD
S10317_ETC_KPIC1067E04 Low voltage operation
S2381 Si APD Low bias operation, for 800 nm band
S8377 CMOS linear image sensor Built-in timing generator and signal processing circuit; single 5 V supply operation
S10341_15 Low bias operation, for 800 nm band
S12426_15 Low bias operation, high-speed Si APD for 900 nm
L10663-01 Transmitter/Receiver photo IC for optical link 3.3 V operation, for MOST automotive network
S9979 CCD area image sensor TDI operation / large active area CCD
S10317 Photo IC for laser beam synchronous detection Low voltage operation (3.3 V)
S7610-10_15 Low-voltage operation photo IC
S5930_05 NMOS linear image sensor Built-in thermoelectric cooler ensures long exposure time and stable operation.
S9037 CCD image sensor High-speed operation, back-thinned FFT-CCD
S12023_15 Low bias operation, for 800 nm band
S4315-01 Low bias operation, for 800 nm band
F9890-11 HIGH TIME RESOLUTION TOF-MS DETECTOR HIGH VOLTAGE FLOATING OPERATION
S10077 CMOS linear image sensor Digital output, built-in 8/10-bit AD converter, single power supply operation