Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

OPERATE Fiches techniques, Datasheet

Description trouvée : 'OPERATE' - Totale: 103 (1/6) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE3CA1007 Operate from DC to 6GHz

Mimix Broadband
500A Units operate over the full 10.7-11.7 GHz frequency range

Pasternack Enterprises,...
PE3CA1027 Operate from DC to 6GHz

JMK Inc.
LL-1355-63BHT The LL-1355-6.3BHT filter has been designed to operate with the VICOR Harmonic Attenuator Module (HAM)

Omron Electronics LLC
E5CSV Simple to Set and Operate 1/16 DIN Size Controllers

Pasternack Enterprises,...
PE3CA1003 Operate from DC to 6GHz
PE3CA1005 Operate from DC to 6GHz

Mimix Broadband
MW109E Units operate over the full 5.9-6.4 GHz frequency range

Pasternack Enterprises,...
PE3CA1026 Operate from DC to 6GHz

JMK Inc.
LL-1355-13BHT The LL-1355-13BHT filter has been designed to operate with two VICOR Harmonic Attenuator Modules (HAM).

Marl International Limi...
699 Ø12.7mm mounting Product will operate over a wide input voltage range

JMK Inc.
AA-1506-12 This economical filter is designed to operate in severe environments such as Mil-Std-704.
HH-1355E-3 The HH-1355E-3 filter has been designed to operate with the VICOR Harmonic Attenuator Module (HAM).

Sanken electric
MK1110 Operate on the main AC line 100V and 200V

Pasternack Enterprises,...
PE3CA1025 Operate from DC to 6GHz

Silicon Laboratories
AN837 How to Configure a Low-Power Timer/Oscillator to Operate from Higher Supply Voltages

JMK Inc.
KK-1900-30 This filter is designed to operate in power disdribution units or in systems designed to meet FCC or IEC requirements.

Marl International Limi...
698 Ø8.1mm mounting Product will operate over a wide input voltage range

Pentair plc. All rights...
3900 A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively

Maxim Integrated Produc...
MAX6397 Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V

  1 2 3 4 5 6