Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



NYLON Fiches techniques, Datasheet

Description trouvée : 'NYLON' - Totale: 1938 (1/97) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
46993-1010 Mini-Fit Jr. Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon Mini-Fit Jr.™ Plug Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon
35312-1360 (Nylon) 6/6, Glass-filled, Natural, Lead-Free Polyamide (Nylon) 6/6, Glass-filled, Natural, Lead-Free

MolexKits
76650-0050 Nylon Tap-and-Run Splice Wire Tap and Nylon Insulated Male Quick Disconnect Solderless Terminals

Molex Electronics Ltd.
0877159105 1.00mm (.039) Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.38μm (15μ) Gold (Au) Plating, with Plastic Pegs
0469920610 Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2

Hammond Manufacturing L...
1584SR20 NEMA 5-15/20R, Black Nylon

Molex Electronics Ltd.
0003096032 2.36mm (.093") Diameter Standard .093 Pin and Socket Receptacle Housing, Single Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 3 Circuits, Black
94560-4010 5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 10 Circuits, Natural, Glow
0009623133 3.96mm (.156") Pitch KK® PC Board Connector, Top Entry, Nylon Connector, 0.38μm (15μ") Gold (Au) Selective, 13 Circuits
39-28-8160 Mini-Fit® Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 16 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, without Drain Holes
0050362304 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, without Drain Holes, 4 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Compatible
39-29-9085 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76μm Gold (Au) Selective Plating, without Drain Holes
0039306228 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 22 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, with Drain Holes
39-30-6106 Mini-Fit® Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, without Drain Holes
0353171620 4.20mm (.165") Pitch Mini-Fit® Header, Dual Row, Vertical, 16 Circuits, PA Polyamide(Nylon) 6/6 94V-2, White
15-06-0145 Mini-Fit BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 14 Circuits
0452801002 3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 10 Circuits, PA Polyamide Nylon 4/6, UL 94V-0
0039291068_18 Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
0874271203 4.20mm (.165) Mini-Fit Jr.™ Header, Right Angle, Nylon, without Flange,12 Circuits, Tin (Sn) over Copper (Cu) Plating, Glow Wire Compatible

OEN India Limited
04-04BD9 Beaded Nylon Cable Tie