Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



NUMBER Fiches techniques, Datasheet

Description trouvée : 'NUMBER' - Totale: 360 (1/18) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
1585278 Contact insert, number of positions: 4+PE, size: D7, number of connections per position: 1, Pin, Push-in connection, 230/400 V, 10 A, 0.14 mm² ... 1.5 mm²
1585281 Contact insert, number of positions: 4+PE, size: D7, number of connections per position: 1, Socket, Push-in connection, 230 V, 10 A, 0.14 mm² ... 1.5 mm²

AVAGO TECHNOLOGIES LIMI...
IEC60747-5-2 Specify Part Number followed by Option Number

List of Unclassifed Man...
N30E930000L PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER

ITT Industries
DEA9SA197FO Datasheet for part number DEA9SA197F0

TDK Electronics
C2012C0G1H223J125AA TDK introduces a new global catalog part number for its Multilayer Ceramic Capacitor products

Tyco Electronics
2-1437555-5 Toggle Switches, A Series, Part Number Matrix

KR Electronics, Inc.
3360 KR Electronics part number 3360+ is a 60 MHz Bandpass filter.
3337 KR Electronics part number 3337+ is a 1208 MHz Lowpass filter

Maxim Integrated Produc...
MAX17506 Reduce Number of DC-DC Regulators to Stock

ATMEL Corporation
AT24CS02_14 Factory Programmed 128-bit Serial Number

PHOENIX CONTACT
85366990 Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting

LUMEX INC.
CCL-LX45GT ECN NUMBER AND REVISION COMMENTS

National Semiconductor ...
MC16A 16 Lead Ceramic Small Outline Package NS Package Number MC16A

KR Electronics, Inc.
3357-14.7 KR Electronics part number 3357-14.7 is a 14.7 MHz Bandpass filter.
3329-SMA KR Electronics part number 3329-SMA is a 650 MHz band-pass filter

ITT Industries
DBA-25P-K87-FO Datasheet for part number DBA25PK87-FO

PHOENIX CONTACT
1728307 PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection

Microchip Technology
HCS201_11 KEELOQ® Code Hopping Encoder 34-bit fixed code (28-bit serial number

KR Electronics, Inc.
2750-SMA KR Electronics part number 2750-SMA is a 165 MHz lowpass filter.