Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

NM Fiches techniques, Datasheet

Description trouvée : 'NM' - Totale: 205 (1/11) Page
FabricantNo de pièceVoirDescription

Zarlink Semiconductor I...
MF443 1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier

Vishay Siliconix
TSAL6400_08 High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
VSMY7852X01 High Power Infrared Emitting Diode, 850 nm, Surface Emitter Technoloy
TSML1030 High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
TSFF5410_09 High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
TSAL5300_09 High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
TSHG6200_07 High Speed Infrared Emitting Diode, 850 nm, GaAlAs Double Hetero

AVAGO TECHNOLOGIES LIMI...
516-3086-ND CFP2, 850 nm, 100GBASE-SR10 Compliant Pluggable 100G Ethernet Optical Transceiver

Vishay Siliconix
TSML1000 High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
TSAL7600_08 High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
TSSS2600_08 Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs

Zarlink Semiconductor I...
ZL60015 Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN + Pre-amp with Photocurrent Monitor

Vishay Siliconix
VSMY385010 High Speed Infrared Emitting Diode, 850 nm, Surface Emitter Technology
TSHA5500_09 Infrared Emitting Diode, 875 nm, GaAlAs
VSMF2890RGX01 High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH
VSMF2893RGX01 High Speed Infrared Emitting Diodes, 890 nm, GaAlAs, DH

Hamamatsu Corporation
R636-10_15 UV to Near IR (R636–10:185 to 930 nm, R758–10:160 to 930nm) Spectral Response 28mm(1-1/8 Inch) Diameter, GaAs(Cs) Photocathode, 9-stage,Side-On Type

PHOENIX CONTACT
2702442 SFP WDM module set with a data transmission speed of 1000 Mbps, a wavelength of 1310/1550 nm, and a maximum transmission length of 10 km.

Vishay Siliconix
VSMY2853RG High Speed Infrared Emitting Diodes, 850 nm, Surface Emitter Technology
VSMB2020X01 High Speed Infrared Emitting Diodes, 940 nm, GaAlAs, DH

  1 2 3 4 5 6 7 8 9 10