Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



NEED Fiches techniques, Datasheet

Description trouvée : 'NEED' - Totale: 36 (1/2) Pages
FabricantNo de pièceVoirDescription

Lumileds Lighting Compa...
DS63 Reliable high-power LED that gives you the design flexibility and performance you need

Aeroflex Circuit Techno...
UT54BS3245 Provides cold-sparing capability without the need for actual cold-sparing multiplexer inputs

List of Unclassifed Man...
SMJE-3V04W1P3 The Acrich2 series, which are designed for AC drive(or operation), do not need the standard converter essential for a conventional general lighting product.

AVX Corporation
12105C225K4Z2A With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength.

List of Unclassifed Man...
PA1780 Phone line powered eliminates need for external power source

Murata Manufacturing Co...
LPR2430ADK Everything you need to get a wireless link going in less than 10 minutes

PHOENIX CONTACT
CF-1000-1 Quick change of cross section without the need for additional adjustments

Advanced Semiconductor ...
ASL30G Need only 5 components

JMK Inc.
ZF-2172-3B The ZF-2172-3B filter is configured to work with systems that need to meet MIL-STD-461D, E or F.

Rohm
DTC144VKAT146 Only the on/off conditions need to be set for operation, making the circuit design easy.

STMicroelectronics
L99PM72GXP Car ECUs do not need to be permanently active

Lumileds Lighting Compa...
PB63 Reliable high-power LED that gives you the design flexibility and performance you need

Littelfuse
SP3002-04JTG Some Ethernet ports only need be protected for ESD and not for lightning induced transients

IXYS Corporation
CPC7592 Eliminates the need for zero cross switching

Aries Electronics, Inc.
680 Complete versatility for programming within the unit itself, thus eliminating the need for DIP switches in many situations

Rohm
SLR-343_1 Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)

Murata Manufacturing Co...
LPR2430ERADK Everything you need to get a wireless link going in less than 10 minutes
LPR2430DK Everything you need to get a wireless link going in less than 10 minutes

AVX Corporation
06035C103K4Z2A With increased requirements from the automotive industry for additional component robustness, AVX recognized the need to produce a MLCC with enhanced mechanical strength.

Level One
POI-2002 Minimize the need for a bulky power adapter and power line

1 2 Next


1 2 Next