Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

NECS Fiches techniques, Datasheet

Description trouvée : 'NECS' - Totale: 169 (1/9) Page
FabricantNo de pièceVoirDescription

California Eastern Labs
NR3470MU-CC NECs InGaAs PIN PD MODULE WITH INTERNAL PREAMPLIFIER FOR 10 Gb/s APPLICATIONS
NX8562 NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
PS2861H-1 NECs HIGH ISOLATION VOLTAGE 4-PIN SOP OPTOCOUPLER
PS7200U-1A NECs 4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch OPTICAL COUPLED MOS FET
PS7801C-1A NECs 4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
NX7526BF-AA NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (95 mW MIN)
NX7528BF-AA NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (60 mW MIN)
NX7561JB-BC NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX8310UA NECs 1310 nm InGaAsP MQW DFB TOSA FOR LONG HAUL 622 Mb/s APPLICATIONS
NX8508 NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
UPB1512TU NECs 13 GHz INPUT DIVIDE BY 8 PRESCALER IN FOR SATELLITE COMMUNICATIONS
UPD5702TU NECs 2.4 GHz Si LD MOS POWER AMPLIFIER
UPG2024TQ NECs GaAs MMIC DPDT SWITCHES FOR 5 GHz BAND WIRELESS LAN
UPG2151T5K NECs COMPACT 1/2WL, S-BAND SPDT SWITCH
NX8560SJ NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
NX8560LJ NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
NX7661 NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7529 NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX5302SE NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS

  1 2 3 4 5 6 7 8 9