Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MOUNT Fiches techniques, Datasheet

Description trouvée : 'Mount' - Totale: 124 (1/7) Page
FabricantNo de pièceVoirDescription

Yea Shin Technology Co....
BAV21WFL 400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage & High Conductance Fast Switching Diode
FF1AS GPP SURFACE MOUNT FAST RECOVERY RECTIFIER
S22 SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
S3AB SURFACE MOUNT RECTIFIER
MMBD3004C Surface Mount Package Ideally Suited for Automatic Insertion
SR22 SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAV21WFL-A 400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage & High Conductance Fast Switching Diode
FR1A FAST SWITCHING SURFACE MOUNT RECTIFIER
MMSZ5221B 500mW SOD-123 SURFACE MOUNT
1SS355FL 200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
3.0SMCJ_15 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
MM3ZXXVB 200mW SOD-323 SURFACE MOUNT
P4SMFJ-A SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
G2A GPP SUR FACE MOUNT RECTIFIER
BAV70T 150mW SOT-523 SURFACE MOUNT Plastic Package Fast Switching Diode
S12 SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
1.5SMCJ_15 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SL12B LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
US2A SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
S1A SURFACE MOUNT RECTIFIER

  1 2 3 4 5 6 7