Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MOUNT Fiches techniques, Datasheet

Description trouvée : 'Mount' - Totale: 50 (1/3) Page
FabricantNo de pièceVoirDescription

WILLAS ELECTRONIC CORP
SCS521CS-30T5G 100mA Surface Mount Schottky Barrier Rectifiers - 30V
WB0130QRL 100mA Surface Mount Schottky Barrier Rectifiers - 30V
BZT52-C2V4S 200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
SCS520G 100mA Surface Mount Schottky Barrier Rectifiers-30V
MMBD3004S HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
SCS520CS-30T5G 100mA Surface Mount Schottky Barrier Rectifiers - 30V
FFM101L 1.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
WB0230QRL 200mA Surface Mount Schottky Barrier Rectifiers - 30V 0402 Package
SFM21L 2.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
SFM18-FN3 1.0A SURFACE MOUNT SUPER FAST RECTIFIERS - 600V
MD1L 1.0 AMP SURFACE MOUNT FLAT SI- BRIDGE RECTIFIERS
M1 SURFACE MOUNT SILICON RECTIFIER
SK32A 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMA PACKAGE
MB12S 1.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
DB101S SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
FFM301 3.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
SMBJ 600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
BAS21H 200mA Surface Mount Switching Diode-250V
MB22S 2.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
MMBD7000LT1 200mA Surface Mount Switching Diode-100V

  1 2 3