Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MICROCONTROLLER Fiches techniques, Datasheet

Description trouvée : 'Microcontroller' - Totale: 63 (1/4) Page
FabricantNo de pièceVoirDescription

NXP Semiconductors
KL27P64M48SF6 Kinetis KL27 Microcontroller
JN516X IEEE802.15.4 Wireless Microcontroller
LPC2290 16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
KL82P121M72SF0 Kinetis KL82 Microcontroller
LPC2930 ARM9 flashless microcontroller with CAN, LIN, and USB
LPC810M021FN8 A 32-bit microcontroller designed for the 8-bit world
PXAG49KBBD XA 16-bit microcontroller family
LPC81XM_18 32-bit ARM® Cortex®-M0+ microcontroller
PN7360AUHN NFC Cortex-M0 microcontroller
LPC2917 ARM9 microcontroller with CAN and LIN
P89LPC933 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
P89V664FA512 8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
P89LPC9301 8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB 3 V byte-erasable flash
LPC546XX 32-bit ARM Cortex-M4 microcontroller
P89LPC9331_11 8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable
LPC540XX 32-bit ARM Cortex-M4 microcontroller
LPC2921 ARM9 microcontroller with CAN, LIN, and USB
P89LV51RB2 8-bit 80C51 3 V low power 16/32/64 kB flash microcontroller with 1 kB RAM
P87C552SFAA 80C51 8-bit microcontroller
P89V660_0811 8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI

  1 2 3 4