Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MYLAR Fiches techniques, Datasheet

Description trouvée : 'MYLAR' - Totale: 350 (1/18) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0190080004 Flag Krimptite™ Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.020
0190980081 Krimptite™ Snap Spade Tap for 18-22 AWG Wire, Stud Size 10, Mylar Tape Carrier
0190390023 Avikrimp™ Snap Plug Receptacle for 14-16 AWG Wire, PVC, Fits Male Plug Diameter3.96mm (.156"), Mylar Tape Carrier
0190180015 VibraKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190070032 Flag InsulKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar TapeTab 4.75mm (.187") x 0.51mm (.02
0190170046 InsulKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab5.21mm (.205") x 0.51mm (.020")
0190030010 InsulKrimp Quick Disconnect, Female, for 18-22 (0.80-0.35), Mylar Tape

CUI INC
GF0661M Round frame mylar cone - ferrite magnet

Molex Electronics Ltd.
0894858101 Universal Serial Bus (USB) Shielded I/O Type A Receptacle, Single Upright, Right Angle, Terminal Length 2.00mm (.079), With Mylar, 0.76μm (30μ) Gold (Au) Plating
0474080011 0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Reverse, with Dimple, without Mylar, 0.76μm (30μ") Gold (Au) Plating, Matte Tin Plating on Shell, 19 Circuits, Lead free
0191640309 Perma-Seal™ Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 5/16, Mylar TapeCarrier
0190230009 InsulKrimp™ Quick Disconnect, Male, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190170041 InsulKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0192110006 Krimptite™ Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0190220026 Krimptite™ Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0334820801 Krimptite™ Snap Spade Tap for 18-22 AWG Wire, Stud Size 5-6, Mylar Tape Carrier
0190690246 Krimptite™ Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 5/16", Length26.82mm (1.056"), Mylar Tape Carrier
0190020025 Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape

Electronic Film Capacit...
1306EC Polyester (Mylar) and Foil Capacitors

Molex Electronics Ltd.
0471511071_18 0.50mm Pitch HDMI Receptacle, Right-Angle, Front Solder Tab Length 1.80mm, Contact 25μm Gold (Au) Plating, with Back Cover and Mylar, without Upper Flange, Tape and Reel Package, Black Housing, Lead-Free