Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MOLDED Fiches techniques, Datasheet

Description trouvée : 'MOLDED' - Totale: 2663 (1/134) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
1201135063 Nano-Change Molded Junction Box, Top Mount with Molded Cable, 90° Angle, 4 Ports

Central Technologies
CTMC1812 Wire-wound Chip Inductors - Molded

Kemet Corporation
T491A104M050AT Capacitor, Tantalum, SMD, MnO2, Molded, 0.1 uF, 3216, +/-20% Tol, 50 VDC (85C)
T520A226M010ATE080 Tantalum, Polymer Tantalum, T520, 22 uF, 20%, 10 V, 3216, SMD, Polymer, Molded, Low ESR, Non-Combustible, 80 mOhms, Height Max = 1.8mm
T491A106K016ATAUTO Capacitor, Tantalum, SMD, MnO2, Molded, Auto, AEC-Q200, 10 uF, 3216, +/-10% Tol, 16 V (85C)
T491X156K050AT Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm

List of Unclassifed Man...
LCM1210R2 Molded Chip Inductor

Anshan Suly Electronics
H.QLG5-500KV-0.2A High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.

Kemet Corporation
T543B227K006ATE035 Tantalum, Polymer Tantalum, COTS, T543_COTS, 220 uF, 10%, 6.3 V, 3528, SMD, Polymer, Molded, COTS, Up Screening, N/A, 35mOhms, Height Max = 2.1mm

STMicroelectronics
STGIPN3H60A SLLIMM™-nano (small low-loss intelligent molded module) IPM

Kemet Corporation
T520C227M006ATE018 Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 6032, SMD, Polymer, Molded, Low ESR, Non-Combustible, 18 mOhms, Height Max = 2.8mm

PHOENIX CONTACT
2702500 Molded transformer terminal block - VTRK 4-SI/C GY

Assmann Electronics Inc...
AK-CHMM-015 Cinch Connection Cable, Molded Hoods

Kemet Corporation
T499A684K025ATE10K Tantalum, MnO2 Tantalum, High Temperature, T499, 0.68 uF, 10%, 25 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 10 Ohms, Height Max = 1.8mm

Central Technologies
CTIHSM4825F Power Inductors - Molded High Current

GETAI ELECTRONICS DEVIC...
2CL30KV-1A High reliability resin molded type high voltage

Kemet Corporation
T543X107M025AHW060 T543_COTS, Tantalum, Polymer Tantalum, COTS, 100 uF, 20%, 25 V, SMD, Polymer, Molded, COTS, Up Screening, N/A, 60mOhms, 7343, Height Max = 4.3mm

List of Unclassifed Man...
400-1542-GR Molded ABS Plastic Cases

Kemet Corporation
T491A336K006AT Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 6.3 V, 3216, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 1.8mm

NEC
2V5P4M 2.5 A PLASTIC MOLDED THYRISTOR

  1 2 3 4 5 6 7 8 9 10