Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MNO2 Fiches techniques, Datasheet

Description trouvée : 'MNO2' - Totale: 827 (1/42) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
T491B106M006AT Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
T490T476M006ATE800 Tantalum, MnO2 Tantalum, Consumer, T490, 47 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Low Profile, Consumer, 800 mOhms, Height Max = 1.2mm
T495X106K035ATE250 T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 250 mOhms, Height Max = 4.3mm
T494A225K016AT Tantalum, MnO2 Tantalum, T494, 2.2 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Low ESR, 4 Ohms, 1.8mm
T499B335K020ATE3K5 Tantalum, MnO2 Tantalum, High Temperature, T499, 3.3 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 3.5 Ohms, Height Max = 2.1mm
T491B226K010AT Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
T495D106M035ATE250 T495, Tantalum, MnO2 Tantalum, 10 uF, 20%, 35 VDC, SMD, MnO2, Molded, Low ESR, 250 mOhms, 7343, Height Max = 3.1mm
T494A686K004AT Tantalum, MnO2 Tantalum, T494, 68 uF, 10%, 4 V, 3216, SMD, MnO2, Molded, Low ESR, 3 Ohms, Height Max = 1.8mm
T491B475K010AT Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
T491B475M010AT Tantalum, MnO2 Tantalum, T491, 4.7 uF, 20%, 10 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
T495D227K010ATE125 Tantalum, MnO2 Tantalum, T495, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, 3.1mm
T499B684K035ATE6K5 Tantalum, MnO2 Tantalum, High Temperature, T499, 0.68 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 6 Ohms, Height Max = 2.1mm
T491C335K025AT Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.8mm
T495D336K025ATE300 Tantalum, MnO2 Tantalum, T495, 33 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 3.1mm
T491C336M010AT Tantalum, MnO2 Tantalum, T491, 33 uF, 20%, 10 V, 6032, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 2.8mm
T495C226K010ATE245 Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 245 mOhms, 2.8mm
T489D106M035ATE800 Tantalum, MnO2 Tantalum, T489, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
T491A475M006AT_17 Tantalum, MnO2 Tantalum, T491, 4.7 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, 5.5 Ohms, Height Max = 1.8mm
T490B227M004ATE500 Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 4 V, 3528, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max = 2.1mm
T491B106K020AT Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm