Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MM Fiches techniques, Datasheet

Description trouvée : 'MM' - Totale: 1334 (1/67) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2764946 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
2959793 Side element with foot, however without PCB guide, labeling with SSZB, mounted along the length of the DIN rail NS 35/7.5. Height: 36 mm, width: 10 mm, length: 45 mm.

Weidmuller
0342600000 Housings, 91 mm, 160 mm, 350 mm, Aluminium alloy (AlSi12)
0342300000 Housings, 72 mm, 82 mm, 130 mm, Aluminium alloy (AlSi12)

PHOENIX CONTACT
2907376 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
1422348 Cable feed-through plates, no. of conductors: 25, length: 222 mm, width: 92 mm, height: 14 mm, external cable diameter: 4x 5 mm ... 7 mm , color: gray
2764399 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm

Weidmuller
0342400000 Housings, 90 mm, 130 mm, 170 mm, Aluminium alloy (AlSi12)

PHOENIX CONTACT
1422350 Cable feed-through plates, no. of conductors: 35, length: 222 mm, width: 92 mm, height: 17.6 mm, external cable diameter: 2x 6 mm ... 10 mm , color: gray
2764881 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
3072821 Separating plate, length: 105.2 mm, width: 1 mm, height: 67.5 mm, color: gray

Weidmuller
0342500000 Housings, 100 mm, 160 mm, 200 mm, Aluminium alloy (AlSi12)

PHOENIX CONTACT
3030514 End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm, Color: gray
3274060 Flange, with screw-on fixing, length: 28.6 mm, width: 8.6 mm, height: 21.7 mm, color: gray
3212203 End cover, length: 66.4 mm, width: 2.2 mm, height: 29 mm, color: gray
3003116 Flange cover, with screw-on fixing, length: 19.9 mm, width: 2.2 mm, height: 17.7 mm, color: gray
3213254 Reducing bridge, pitch: 10 mm, length: 37.2 mm, width: 16.1 mm, number of positions: 2, color: red
2202627 Component housing, length: 111.9 mm, Marking cover, color: transparent, width: 20.94 mm, height: 16.3 mm

Schurter Inc.
FPG3 Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1

PHOENIX CONTACT
2890179 Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5

  1 2 3 4 5 6 7 8 9 10