Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MM Fiches techniques, Datasheet

Description trouvée : 'MM' - Totale: 1334 (1/67) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2907376 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm

Weidmuller
0342400000 Housings, 90 mm, 130 mm, 170 mm, Aluminium alloy (AlSi12)

PHOENIX CONTACT
3072821 Separating plate, length: 105.2 mm, width: 1 mm, height: 67.5 mm, color: gray
1422348 Cable feed-through plates, no. of conductors: 25, length: 222 mm, width: 92 mm, height: 14 mm, external cable diameter: 4x 5 mm ... 7 mm , color: gray
3030514 End cover, Length: 72 mm, Width: 2.2 mm, Height: 36.5 mm, Color: gray
2764399 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm
3212203 End cover, length: 66.4 mm, width: 2.2 mm, height: 29 mm, color: gray

Weidmuller
0342500000 Housings, 100 mm, 160 mm, 200 mm, Aluminium alloy (AlSi12)

PHOENIX CONTACT
3213254 Reducing bridge, pitch: 10 mm, length: 37.2 mm, width: 16.1 mm, number of positions: 2, color: red
1422350 Cable feed-through plates, no. of conductors: 35, length: 222 mm, width: 92 mm, height: 17.6 mm, external cable diameter: 2x 6 mm ... 10 mm , color: gray
2959793 Side element with foot, however without PCB guide, labeling with SSZB, mounted along the length of the DIN rail NS 35/7.5. Height: 36 mm, width: 10 mm, length: 45 mm.
2764881 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm

Weidmuller
0342300000 Housings, 72 mm, 82 mm, 130 mm, Aluminium alloy (AlSi12)

PHOENIX CONTACT
3274060 Flange, with screw-on fixing, length: 28.6 mm, width: 8.6 mm, height: 21.7 mm, color: gray

Weidmuller
0342600000 Housings, 91 mm, 160 mm, 350 mm, Aluminium alloy (AlSi12)

PHOENIX CONTACT
3003116 Flange cover, with screw-on fixing, length: 19.9 mm, width: 2.2 mm, height: 17.7 mm, color: gray
2764946 Optimum accommodation of electronic components with graded pitches with a design width of 22.5 mm, 45 mm, 67.5 mm, and 90 mm

Schurter Inc.
FPG3 Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1

PHOENIX CONTACT
2202582 Component housing, length: 111.9 mm, Cover, color: light gray, width: 20.94 mm, height: 16.3 mm
2202634 Component housing, length: 87.8 mm, Cover, color: light gray, width: 18.9 mm, height: 12.2 mm

  1 2 3 4 5 6 7 8 9 10