Fabricant | No de pièce | Fiches technique | Description |
Hamamatsu Corporation
|
R11265U-M4 |
170Kb/4P |
Wide effective area: 23 mm x 23 mm |
R464 |
46Kb/2P |
For Photon Counting 5 mm 횞 8 mm Bialkali Photocathode 51 mm (2 lnch) Diameter, Head-on Type |
S4402 |
82Kb/2P |
Si APD ?1 mm quadrant APD |
S12576-050 |
666Kb/7P |
Low afterpulse, for very low light-level measurement Photosensitive area: 1 x 1 mm, 3 x 3 mm |
S6036 |
89Kb/2P |
Si PIN photodiode 7 mm lens plastic package |
V6833P_V7090P |
113Kb/2P |
18 mm Dia. PROXIMITY FOCUSED MAGE INTENSIFIER ASSEMBLY |
S6801 |
101Kb/2P |
Si PIN photodiode ?14 mm lens plastic package |
S3901-1024Q |
363Kb/4P |
Large active area type with 51.2 mm detection length |
R6350 |
233Kb/8P |
13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE |
C10900D |
514Kb/10P |
Four selectable scan modes Photodiode area: 124.8 횞 124.8 mm |
S3931 |
132Kb/4P |
6 to 37 mm resistance length PSD for precision distance measurement |
R12857 |
144Kb/2P |
13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode |
C7942CK-12 |
138Kb/6P |
Acquire digital X-ray image in real time and 170 mm diagonal size |
H7826 |
90Kb/2P |
photosensor modules consist of a 19-mm (3/4") diameter head-on photomultiplier |
C9728DK-10 |
440Kb/8P |
For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 횞 52.8 mm |
C7942CA-02 |
137Kb/6P |
Acquire digital X-ray image in real time and 170 & 176 mm diagonal size |
R669 |
51Kb/2P |
51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode |
C9728DK-10 |
217Kb/9P |
For diffraction, cassette type with USB 2.0 interface Photodiode area: 52.8 x 52.8 mm |
S3979 |
332Kb/4P |
One-dimensional PSD 3 to 37 mm resistance length PSD for precision distance measurement |
R9876 |
241Kb/4P |
PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type |