Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MHZ Fiches techniques, Datasheet

Description trouvée : 'MHZ' - Totale: 87 (1/5) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
SGA-2286 DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
PFM18030 1805-1880 MHz, 30W, 2-Stage Power Module Enhancement-Mode Lateral MOSFETs
S100-12 100 WATTS - 12.5 VOLTS 1.5-30 MHz
TWS-BS3 Transmitter Module : TWS-BS3 (433.92 MHz)
AC487 10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
23A008 0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
JTDA50 50 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
AB-54008L-175 HF to 2000 MHz Class AB Common Source - PowerSO-10RF
XE1218 FM 130 - 230 MHz LOW-POWER VHF RECEIVER
EVA-X1610C 16-bit, 75 MHz RISC microprocessor with Ethernet and RS-232 connectivity
A2543B LOW PROFILE ANTENNA 440-512 MHz 3dB gain
MC1507 10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
XD010-04S-D4F 350-600 MHz Class AB 10W Power Amplifier Module
TPR700 700 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
SBF-4089 DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SGA-2486 DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
FR0915M00-DJ12 915.00 MHz SAW Resonator
VRS1000 64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
TAN300 300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
KFF6668A 1033 MHz TCAS BPF

  1 2 3 4 5