Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MEMORY Fiches techniques, Datasheet

Description trouvée : 'MEMORY' - Totale: 4632 (1/232) Pages
FabricantNo de pièceVoirDescription

Rohm
BR34E02FVT-3 Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)

Samsung semiconductor
K5P2880YCM Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM

STMicroelectronics
M36W832TE 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product

Rohm
BR34E02FVT-W_09 DDR/DDR2 (For memory module) SPD Memory

STMicroelectronics
M36W432T 32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product

SPANSION
S71PL129JC0_06 Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory

Eon Silicon Solution In...
EN71NS128C0 Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
EN29LV320 32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN71NS032A0 Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71PL032A0_1 Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN29LV160C 16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

Samsung semiconductor
K5T6432YT Multi-Chip Package MEMORY 64M Bit 4Mx16 Four Bank NOR Flash Memory / 32M Bit 2Mx16 UtRAM

Eon Silicon Solution In...
EN29LV800B 8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV400A 4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

Rohm
BR34E02-W DDR/DDR2 (For memory module) SPD Memory

Eon Silicon Solution In...
EN29LV320A 32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

Intel Corporation
82845PE 82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)

STMicroelectronics
XRAG2_08 432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory

Eon Silicon Solution In...
EN71NS128B0_11 Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
EN29GL128H_10 128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only