Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MEMORY Fiches techniques, Datasheet

Description trouvée : 'MEMORY' - Totale: 4632 (1/232) Pages
FabricantNo de pièceVoirDescription

Rohm
BR34E02FVT-3 Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)

Sharp Electrionic Compo...
LRS1383F FLASH MEMORY 32M (X16) FLASH MEMORY +8M (X16) SRAM

STMicroelectronics
M72DW64000B 64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 16Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product

Eon Silicon Solution In...
EN29GL064ATB 64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV400A_11 4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800A 8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

Cypress Semiconductor
WM72016-6 16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access

Fujitsu Component Limit...
MB82DBS04163C MEMORY Mobile FCRAMTM CMOS 64 M Bit (4 M word×16 bit) Mobile Phone Application Specific Memory

Eon Silicon Solution In...
EN29LV640A 64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

Integrated Device Techn...
70V25L25PFI True Dual-Ported memory cells which allow simultaneous reads of the same memory location

Eon Silicon Solution In...
EN29GL128H_10 128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only

AMIC Technology
A82DL16X4T Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S

STMicroelectronics
M36DR232A 32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product

Eon Silicon Solution In...
EN29GL256HL 256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV160C 16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

ALPS ELECTRIC CO.,LTD.
SCDB Combine Type Connector (for SD Memory Card, MultiMediaCard™, Memory Stick™)

ITT Industries
CCM05-5774T60 Memory Stick & Memory Stick Duo

SPANSION
S71PL129JC0_06 Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory