Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MEMORY Fiches techniques, Datasheet

Description trouvée : 'MEMORY' - Totale: 4632 (1/232) Page
FabricantNo de pièceVoirDescription

Rohm
BR34E02FVT-3 Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)

Sharp Electrionic Compo...
LRS1383C FLASH MEMORY 32M (X16) FLASH MEMORY +8M (X16) SRAM

Yamaichi Electronics Co...
JCS010-2001-1 Memory Stick Duo / Memory Stick (2-in-1)

STMicroelectronics
M36DR432AD 32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M36W416TG 16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
M76DW52003TA 32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product

Fujitsu Component Limit...
MB81EDS516545 MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP

Eon Silicon Solution In...
EN29GL064ATB 64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV320B_11 32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only

STMicroelectronics
M36W432TG 32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product

Cypress Semiconductor
WM72016-6 16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access

Samsung semiconductor
K5P2880YCM Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM

STMicroelectronics
M36W832TE 32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
M36W432T 32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product

Eon Silicon Solution In...
EN29GL128H_10 128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only

Fujitsu Component Limit...
MB81EDS256445 MEMORY Consumer FCRAM CMOS 256M Bit (4 bank x 1M word x 64 bit) Consumer Applications Specific Memory for SiP

Eon Silicon Solution In...
EN71NS128C0 Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
EN29GL256HL 256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN71NS032A0 Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71PL032A0_1 Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM

  1 2 3 4 5 6 7 8 9 10