Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 8 (1/1) Page
FabricantNo de pièceVoirDescription

Pasternack Enterprises,...
PE9694 Precision SMA Male to SMA Female Adapter Max. Freq. 18 GHz
PE6033 N FEEDTHRU TERMINATION FREQUENCY RANGE: DC.1 GHz max vswr: 1,65:1
PE9383 Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9420 Hermetically Sealed BNC Female to BNC Female Bulkhead Adapter For 1 inch Max. Panel
PE4871 RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .125 inch Max Panel
PE9506 Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.
PE4868 RP SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .150 inch Max Panel
PE4529 SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, .093 inch Max Panel