Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 16 (1/1) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
4CX300Y Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
MI912 2x DDR2 SO-DIMM, Max. 8GB
PCMB104E Low profile (3.0mm max) and small size (7.3mm x 6.6mm)
MB837-D25 1x DDR3 SO-DIMM, 1066/1333 MHz, Max. 4GB
SFE-LEA MAX OUTPUT WATTAGE
MI970 2x DDR3 SO-DIMM, Max. 16GB
SI-58 Supports 2x DDR3 1333MHz SO-DIMM, Max. 16GB
325 Back light 33/4 digits LCD with max. reading 3999, plus decimal point, unit
LD1107V-S162 Mechanical Insertion Force 45N max
591BD-DDG 1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
9115 Multi-ranging operation (output up to max power rating within maximum voltage and
PCMB104T Low profile (3.0 mm max) and small size (7.3mm x 6.6mm)
MB960 4x DDR3 DIMM, Max. 32GB
79696035 Thermocouple / Pt100 Pt100 probe Class B max : 200 °C Pt100 probe Class B with sheath - St. steel 316 L Ø 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly
MB967 4x DDR3 DIMM, Max. 32 GB
MI95 2x DDR3 DIMM, Max. 8GB, supports ECC