Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 4 (1/1) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0638933000 Mini-Mac Applicator, Double 18 AWG Wires, One Wire Max Insulation 4.32mm and One Max Insulation 2.79mm
0734200790 50 Ohms, SMP Max Plug Thread-in Catchers Mitt
1301160038 Economy Box Track Flat Cable, Festoon Balancer Car, 50.0 lb/Car Max.
43375-0001 Sabre™ Crimp Terminal, Female, 14-16 AWG, 3.30mm max. Insulation Diameter, Reel Packaged, Tin (Sn) Plated Brass Contact with TPA