Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 20 (1/1) Page
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
2200384 Headers for ME/ME MAX electronics housing
2700136 Buzzer element, continuous/pulse tone, 24 V AC/DC, max. 85 dB(A)
SIM-EI-5DC Input solid-state relay, with protective circuit in input and output circuits, input: 5 V DC, output: TTL logic level, max. 100 mA
2700137 Siren element, pulse tone, 24 V DC, self-regulating volume, max. 100 dB(A)
ILBBTADIO2 Wireless IO module, 16 digital inputs, 16 digital outputs, 2 analog inputs, 2 analog outputs, Bluetooth V1.2; frequency band 2.4 GHz; 1 wireless interface; WLAN-BlackChannelList; LEM; transmission power max. 20 dBm adjustable
2700138 Siren element, 8 tones, 24 V AC/DC, max. 100 dB(A)
2729279 External voltage supply, max. 4 slave boards incl. 24 V DC/5 V DC filter, slot design, incl. accessories
ST-OE2-230AC Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: 8 - 48 V DC/ max. 100 mA, can be plugged on basic termination blocks
EMG10-OV-120AC The illustration shows version EMG 10-OV, with DC voltage output, max. 1 A
2271154 Input optocoupler, with protection circuits in input and output circuits, input: 24 V DC, output: TTL logic level, max. 100 mA
2300096 Power optocoupler, with protection circuits in 24 V DC input and output circuits. Direct current voltage output max. 3 A
EMG10-OV-24DC The illustration shows version EMG 10-OV, with DC voltage output, max. 1 A
2700139 Siren element, alternating, 24 V DC, max. 105 dB(A)
EMG10-OV-5DC The illustration shows version EMG 10-OV, with DC voltage output, max. 1 A
EMG10-OV-12DC The illustration shows version EMG 10-OV, with DC voltage output, max. 1 A
EMG17-OV-24DC The illustration shows version EMG 17-OV, with short-circuit proof DC voltage output, max. 2 A
2296773 Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 10.0 m
2296728 Round cable set, for connection to the VARIOFACE system cabling, with a 50-position socket strip and four 14-position socket strips, for splitting max. 32 channels into 4 x 8 channels, no. of positions: 50/ 4 x14, cable length 3.0 m
EMG17-KSR-G24 Relay module for high inrush currents, with soldered-in relay, contacts (AgCdO + capacitive W): medium to large loads, 1 N/O contact, input voltage 24 V DC, max. inrush current 80 A
2322016 VARIOFACE front adapters, for Honeywell C300, series C I/O, max. 1 x 16 channels can be connected. (50-pos.FLK connector)