Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 1051 (1/53) Page
FabricantNo de pièceVoirDescription

Kemet Corporation
T521D476M016ATE090 T521, Tantalum, Polymer Tantalum, 47 uF, 20%, 16 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, 7343, Height Max = 3.1mm
T521D336M025ATE040 Tantalum, Polymer Tantalum, T521, 33 uF, 20%, 25 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, Height Max = 3.1mm
T491D335M050AT Tantalum, MnO2 Tantalum, T491, 3.3 uF, 20%, 50 V, 7343, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 3.1mm
T495D686K020ATE150 Tantalum, MnO2 Tantalum, T495, 68 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 3.1mm
T495A225K010ATE1K8 Tantalum, MnO2 Tantalum, T495, 2.2 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Low ESR, 1.8 Ohms, Height Max = 1.8mm
T520U336M008ATE070 Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 8 V, 6032, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70 mOhms, Height Max = 1.5mm
T520X477M006ATE018 T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 18 mOhms, 7343, Height Max = 4.3mm
T520M157M006ATE035 T520, Tantalum, Polymer Tantalum, 150 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 35 mOhms, 3528, Height Max = 1.5mm
T491D107M010AT Tantalum, MnO2 Tantalum, T491, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 3.1mm
T499D685K025ATE1K1 Tantalum, MnO2 Tantalum, High Temperature, T499, 6.8 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.1 Ohms, Height Max = 3.1mm
T491B226M006AT T491, Tantalum, MnO2 Tantalum, 22 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
T495B105K035ATE1K7 Tantalum, MnO2 Tantalum, T495, 1 uF, 10%, 35 V, 3528, SMD, MnO2, Molded, Low ESR, 1.7 Ohms, Height Max = 2.1mm
T528Z337M004ATE009_17 Tantalum, Polymer Tantalum, Reduced Volume, T528, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Low ESR, NonCombustible, Face Down, 9 mOhms, Height Max = 1.7mm
T520T107M2R5ATE040 Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 2.5 V, 3528, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.2mm
T491D335K050AT Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 3.1mm
T521V565M050ATE070 Tantalum, Polymer Tantalum, T521, 5.6 uF, 20%, 50 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70mOhms, Height Max = 2mm
T520X477M006ATE010 T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, 7343, Height Max = 4.3mm
T598B107M2R5ATE070 T598, Tantalum, Polymer Tantalum, 100 uF, 20%, 2.5 VDC, SMD, Polymer, Molded, Low ESR, AEC-Q200, 70 mOhms, 3528, Height Max = 2.1mm
T491A105M025AT Tantalum, MnO2 Tantalum, T491, 1 uF, 20%, 25 V, 3216, SMD, MnO2, Molded, 8 Ohms, Height Max = 1.8mm
T520C477M2R5ATE025 Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 2.5 V, 6032, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.8mm

  1 2 3 4 5 6 7 8 9 10