Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 23 (1/2) Page
FabricantNo de pièceVoirDescription

JMK Inc.
LL-1500-20 Operating voltage (max) = 12,24 or 36 Vdc Operating Current (max) = 20 Amperes
KK-1443-35 Operating voltage (max) = 50 Vdc Operating Current (max) = 35 Amperes
HH-2033-20 Operating Voltage = 50 Vdc Max
FF-1199-6B Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
FF-1279-14 Operating voltage = DC to 250 V~ Operating current (max) = 13 Amperes
FF-1319-13 Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
FF-1319-13C Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
KK-1920-25 Operating Voltage = 60 VDC Operating Current (Max) = 25 Amp
KK-1222-32 Operating voltage = 18 - 36 VDC Operating current (max) = 32 amperes
LL-1319-13M Operating Voltage = DC to 250 Vac Operating Current (Max)= 13A
MM-0637A-40D Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
FF-1503-18 Operating Voltage = 125 Vac Operating Current (Max) = 18 AMP A/C
KK-1222-25 Operating voltage = 18 - 36 VDC Operating current (max) = 25 amperes
HH-1199-6C Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
HH-1199-6 Operating voltage = 125 / 250 v~ Operating current (max) = 6.0 amperes
ZC-1072-10 Operating voltage = 125 v~ Operating current (max) = 10 amperes
MM-0637A-50D Operating Voltage = 48 Vdc (Typical) Operating Voltage Max. = 0-75Vdc
MM-0637A-100 Operating Voltage = 48 Vdc Operating Current (Max) = 100 Amp
HH-2033-15 Operating Voltage = 50 Vdc Max
ZA-1193-3 Operating Voltage: 60 Vdc Operating Current (max): 3 AMPERES

  1 2