Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 1888 (1/95) Pages
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
4CX300Y Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt

Pulse A Technitrol Comp...
P0403 SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A

Analog Microelectronics
SOP-8 A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.30
TO-263-3 (D2 PAK) A : MIN 9.65 MAX 10.67 B : MIN 8.28 MAX 9.66

Sumida Corporation
BM2015 21.0×10.5mm Max.(L×W),15.5mm Max. Height.

Analog Microelectronics
TSOT-23 MILLIMETERS MIN 0.80 MAX 1.30 INCHES MIN 0.0315 MAX 0.0512
SOT-25 A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SOT-89 A : MIN 1.39 MAX 1.60 A1 : MIN 0.89 MAX 1.20

TOKO, Inc
DEM8030C 8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.

Sumida Corporation
BM-7A 8.2×8.2mm Max.(L×W),8.0mm Max. Height(BM-7A,Shielded Type)

Analog Microelectronics
SOP-16 A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.25

Sumida Corporation
CBM5D20 7.1mm~5.2mm Max.(L~W),2.4mm Max. Height

E-SWITCH
ST711059 RATING: 0.4VA MAX. @20V MAX. AC OR DC

Sumida Corporation
UU9LFNP-B102 16.5×11.0mm Max.(L×W), 16.5mm Max. Height. (UU9LF)

Molex Electronics Ltd.
0638933000 Mini-Mac Applicator, Double 18 AWG Wires, One Wire Max Insulation 4.32mm and One Max Insulation 2.79mm

Analog Microelectronics
SC-70-4 A : MIN 0.900 MAX 1.100 A1 : MIN 0.000 MAX 0.100

E-SWITCH
ST711055 RATING: 0.4VA MAX. @20V MAX. AC OR DC

Analog Microelectronics
MSOP-8PP A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950
TO-220-5 A : MIN 2.60 MAX 2.89 B : MIN 9.80 MAX 10.40

Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering