Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 19 (1/1) Page
FabricantNo de pièceVoirDescription

E-SWITCH
ST750101 RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
ST711057 RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711059 RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711055 RATING: 0.4VA MAX. @20V MAX. AC OR DC
PV6 Vandal and Water Resistant, Long Life Expectancy CONTACT RESISTANCE: 50mOHM Max.
N802206 OPERATING FORCE: 800 GRAMS MAX.
PV7 Vandal and Water Resistant, TEMPERATURE: -20°C to 70°C, CONTACT RESISTANCE: 50mOHM Max.
EG1218 CONTACT RESISTANCE: 50MILLI-OHMS Max
N802204 OPERATING FORCE: 800 GRAMS MAX.
N311053 OPERATING FORCE: 1,000gf MAX.
N311055 OPERATING FORCE: 1,000gf MAX.
P021301 TL3340AF160QG - RATING: 12VDC, 50mA, CONTACT RESISTANCE: 500 MILLI OHMS MAX ,
N800001 CONTACT RESISTANCE; 50 m2 MAX INITIAL.
P200020 CONTACT RESISTANCE: 100 m MAX.
N800002 CONTACT RESISTANCE; 50 m2 MAX INITIAL.
N800210 CONTACT RESISTANCE; 50 m2 MAX INITIAL.
N321020 OPERATING FORCE: 1,000gf MAX.
N321063 OPERATING FORCE: 1,000gf MAX.
200USP1T1A1M2RE Electrical Rating: 0.4VA, 20V Max. (AC or DC)