Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 1888 (1/95) Pages
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
4CX300Y Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt

Analog Microelectronics
MSOP-8PP A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950
TO-220-5 A : MIN 2.60 MAX 2.89 B : MIN 9.80 MAX 10.40

Sumida Corporation
CAS143 11.55×3.3mm Max.(L×W),3.55mm Max. Height

Delta Electronics, Inc.
FL75L20A Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering

Analog Microelectronics
SOT-223 A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84

JMK Inc.
LL-1500-20 Operating voltage (max) = 12,24 or 36 Vdc Operating Current (max) = 20 Amperes

Sumida Corporation
BM8290 9.25×8.05mm Max.(L×W),8.85mm Max. Height.
CAK15D14 Φ14.7mm Max.(Diameter), 1.6mm Max. Height.

Analog Microelectronics
PDIP-8 A : MIN 0.13 MAX - B : MIN 6.10 MAX 7.10
TO-263-2 (D2 PAK) A : MIN 9.65 MAX 10.42 B : MIN 8.28 MAX 9.66
TSOT-25 MILLIMETERS MIN 0.90 MAX 1.25 INCHES MIN 0.0354 MAX 0.0492

Sumida Corporation
CAS11D21 11.6×3.3mm Max.(L×W),2.3mm Max. Height

Analog Microelectronics
SC-70-6 A : MIN 0.80 MAX 1.10 A1 : MIN 0.00 MAX .010
SOT-26 A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15

Sumida Corporation
CAA17D24A Φ17.3mm Max.(Diameter),2.9mm Max. Height.

Delta Electronics, Inc.
FL75L20A_12 Delphi Series Filter Module - FL75L20 75Vdc max input, 20A max output current

Analog Microelectronics
MSOP-8 A1 : MIN 0 MAX 0.20 A2 : MIN 0.75 MAX 0.95
PQFP-44 A : MIN - MAX 2.70 B : MIN 0.15 MAX 0.35

JMK Inc.
KK-1443-35 Operating voltage (max) = 50 Vdc Operating Current (max) = 35 Amperes