Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 13 (1/1) Page
FabricantNo de pièceVoirDescription

Solid State Optronic
AD2C541_15 Low On-Resistance (1 ohm MAX)
AD6C541_15 Low On Resistance (1 Max)
AD2C841 High Continuous Load Current (2.5A MAX)
SYZ6060 Low Input Control Current (5mA MAX)
SMA4217 Low Input Control Current (5mA MAX)
SMA4120 High Load Current (0.5A MAX Continuous)
M251 Low on-resistance (1 ohm MAX)
SMA4124 High Load Current (1A MAX Continuous)
SYZ6040 Low Input Control Current (5mA MAX)
SYZ6070 Low Input Control Current (5mA MAX)
SYZ6080 Low Input Control Current (5mA MAX)
TD3061 Trigger Current (15mA MAX)
TD3083 Trigger Current (5mA MAX)