Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 13 (1/1) Page
FabricantNo de pièceVoirDescription

TOKO, Inc
DEM8030C 8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
DEM10050C 10.3 x 10.3mm Max. square, 5.0mm Max. height.
BLC4206 2 in 1 type, Max. 6.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications
DHTP3237 2 in1 type, Max. 8W/ch, LCD Monitors for 20inch size or more and vehicle applications
CLT4123 Max. 8W, Medium & Large size LCD Monitors and vehicle applications
DG6050C Low Profile (H 5.0mm Max).
DEM3512C Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
DG6045C Low Profile (H 4.5mm Max).
DG8040C Low Profile (H 4.0mm Max).
BLC4126 Max. 4.5W, Narrow width LCD Monitors backlight
BLC4110 Max. 10W, LCD Monitors or vehicle applications
BLC4115 Max. 6.5 & 5.5W, Medium & Large size LCD Monitors and vehicle applications
UCMH0907 Rated DC Current 5.0A Max