Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 10 (1/1) Page
FabricantNo de pièceVoirDescription

Texas Instruments
LM2596T-5.0 Adjustable Version Output Voltage Range, 1.2V to 37V ±4% Max Over Line and Load Conditions
UCC28220 INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
REF3012_15 50ppm/°C Max, 50μA in SOT23-3 CMOS VOLTAGE REFERENCE
LM139-N The LM139 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2 mV max for all four comparators.
ADS8382 600-kHz Sample Rate, ±1.25 LSB Typ, ±3 LSB Max INL, 18-Bit NMC Ensured Over Temperature
LM193-N The LM193 series consists of two independent presision voltage comparators with an offset voltage specification as low as 2.0 mV max for two comparators which weredesigned specifically to operate from a single power supply over a wide range of voltage.
ADS8405 Unipolar Pseudo-Differential Input, 0 V to Vref, 16-Bit NMC at 1.25 MSPS, ±2 LSB INL Max, -1/+1.5 LSB DNL
UCC28220_07 INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220_15 INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
REF3012 50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE