Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 34 (1/2) Page
FabricantNo de pièceVoirDescription

STMicroelectronics
STG3699 LOW VOLTAGE 0.5Ω MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STCS1_08 1.5 A max constant current LED driver
STP16CPP05 Max clock frequency 30 MHz
STEVAL-ISA134V1 Max ambient operating temperature
STCS1A 1.5 A max constant current LED driver
STCS2A 2 A max constant current LED driver
STG3690 LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STCS2_0807 2 A max constant current LED driver
STG3680 LOW VOLTAGE 0.5/0.8OHM MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STCS1 1.5 A max constant current LED driver
STG3699_05 LOW VOLTAGE 0.5Ω MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3856 Low Voltage 1.0Ω Max Dual SP3T Switch With Break Before Make Feature
STG3699B Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
STG3690_05 LOW VOLTAGEMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3856QTR Low voltage 1.0 max dual SP3T switch with break-before-make feature
AN869 Tj MAX LIMIT OF SCHOTTKY DIODES
STG3684A Low voltage 0.5 Ω max dual SPDT switch with break-before-make
AS21P2TLR Low voltage 0.5 Ω max dual single-pole double-throw analog switch with break-before-make
STG4159 Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
STG3699A_06 LOW VOLTAGE 0.5Ω MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE

  1 2