Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 1888 (6/95) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
T540D337M006BH8510 Tantalum, Polymer Tantalum, COTS, T540_COTS, 330 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, COTS, B (0.1%/1000 Hrs), 40mOhms, Height Max = 3.1mm
T491B335K020AT Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, 3 Ohms, Height Max = 2.1mm

Texas Instruments
REF3012 50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE

Kemet Corporation
T495D477K006ATE100 T495, Tantalum, MnO2 Tantalum, 470 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, Low ESR, 100 mOhms, Height Max = 3.1mm

Linear Technology
LTC2654 Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference

Kemet Corporation
T522V227M006ATE025 Tantalum, Polymer Tantalum, T522, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, Low ESR/Leakage, 25 mOhms, Height Max = 2mm

List of Unclassifed Man...
MB967 4x DDR3 DIMM, Max. 32 GB

Kemet Corporation
T521B335M035ATE200 T521, Tantalum, Polymer Tantalum, 3.3 uF, 20%, 35 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 200 mOhms, 3528, Height Max = 2.1mm

PETERMANN-TECHNIK
SXO18LP-02016 High reliability for low cost / Stand-by current 10μA max.

Kemet Corporation
T520V157M006ATE006 Tantalum, Polymer Tantalum, T520, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 6mOhms, Height Max = 1.9mm
T491B475K025AT Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 2.1mm

List of Unclassifed Man...
S8740220 Si Push Pull, 40 - 870MHz, 21.5dB min. Gain @ 870MHz, 235mA max. @ 24VDC

Kemet Corporation
T497H106K035AH6110 Tantalum, MnO2 Tantalum, COTS, T497_COTS, 10 uF, 10%, 35 V, 7238, SMD, MnO2, Molded, COTS, Medical, A (Non-ER), 900mOhms, Height Max = 3.17mm

Altera Corporation
5M1270ZT144C5N DC and Switching Characteristics for MAX V Devices

Kemet Corporation
T520A227M2R5ATE025 T520, Tantalum, Polymer Tantalum, 220 uF, 20%, 2.5 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 3216, Height Max = 1.8mm

Renesas Technology Corp
RJK0301DPB-02_15 30V, 60A, 2.8mΩ max. Silicon N Channel Power MOS FET Power Switching

Kemet Corporation
T510X107M020ATE040 Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
T521X156M063ATE035 Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 63 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 4.3mm
T491B685K010AT Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 10 V, 3528, SMD, MnO2, Molded, 3.5 Ohms, Height Max = 2.1mm
T491C156K020AT Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, 1.7 Ohms, Height Max = 2.8mm

Prev 1 2 3 4 5 6 7 8 9 10 Next >


< Prev 6 7 8 9 10 Next >