Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 1888 (5/95) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
T583D107M010AHE055P000 Tantalum, Polymer Tantalum, Space, T583, 100 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Aerospace, N/A, 55 mOhms, Height Max = 3.1mm
T499D476K006ATE800 Tantalum, MnO2 Tantalum, High Temperature, T499, 47 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 800 mOhms, Height Max = 3.1mm
T583D686M010AHE045P000 Tantalum, Polymer Tantalum, Space, T583, 68 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Aerospace, N/A, 45 mOhms, Height Max = 3.1mm
T491C106M016AT Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 16 V, 6032, SMD, MnO2, Molded, 1.8 Ohms, Height Max = 2.8mm

NXP Semiconductors
SC16C2550B_07 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs

Kemet Corporation
T521B106M020ATE100 Tantalum, Polymer Tantalum, T521, 10 uF, 20%, 20 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 100 mOhms, Height Max = 2.1mm

Altera Corporation
EPM2210GF256C5N The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,

Kemet Corporation
T521V476M016ATE070 T521, Tantalum, Polymer Tantalum, 47 uF, 20%, 16 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 70 mOhms, 7343, Height Max = 2mm

Solid State Optronic
AD6C541_15 Low On Resistance (1 Max)

Kemet Corporation
T494C106M020AT Tantalum, MnO2 Tantalum, T494, 10 uF, 20%, 20 V, 6032, SMD, MnO2, Molded, Low ESR, 500 mOhms, Height Max = 2.8mm
T495X226M035ATE275 Tantalum, MnO2 Tantalum, T495, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 275 mOhms, Height Max = 4.3mm

Cypress Semiconductor
CY7C346 USE ULTRA37000TM FOR ALL NEW DESIGNS(128-Macrocell MAX EPLD)

Kemet Corporation
T495D226K025ATE230 T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 230 mOhms, Height Max = 3.1mm

TOKO, Inc
BLC4206 2 in 1 type, Max. 6.5W/ch, LCD Monitors for 14 inch size or more and vehicle applications

Kemet Corporation
T520W227M2R5ATE025 Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.5mm

Renesas Technology Corp
RJK03M6DPA 30V, 30A, 9.4m max. N Channel Power MOS FET High Speed Power Switching

Kemet Corporation
T521B225M050ATE200 T521, Tantalum, Polymer Tantalum, 2.2 uF, 20%, 50 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 200 mOhms, 3528, Height Max = 2.1mm

NTE Electronics
74-XAF20A Low Voltage Max Automotive, Fast Acting

Kemet Corporation
T520V227M010ATE025 Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.9mm
T491A226K006AT Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 6.3 V, 3216, SMD, MnO2, Molded, 3 Ohms, Height Max = 1.8mm

Prev 1 2 3 4 5 6 7 8 9 10 Next >


Prev 1 2 3 4 5 Next >