Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 1888 (4/95) Pages
FabricantNo de pièceVoirDescription

E-SWITCH
ST711059 RATING: 0.4VA MAX. @20V MAX. AC OR DC

Molex Electronics Ltd.
0638933000 Mini-Mac Applicator, Double 18 AWG Wires, One Wire Max Insulation 4.32mm and One Max Insulation 2.79mm

Sumida Corporation
UU9LFNP-B102 16.5×11.0mm Max.(L×W), 16.5mm Max. Height. (UU9LF)

Analog Microelectronics
SC-70-4 A : MIN 0.900 MAX 1.100 A1 : MIN 0.000 MAX 0.100

E-SWITCH
ST711055 RATING: 0.4VA MAX. @20V MAX. AC OR DC

Kemet Corporation
T494A476M006AT Tantalum, MnO2 Tantalum, T494, 47 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Low ESR, 2.5 Ohms, Height Max = 1.8mm
T491C475M025AT Tantalum, MnO2 Tantalum, T491, 4.7 uF, 20%, 25 V, 6032, SMD, MnO2, Molded, 2.3 Ohms, Height Max = 2.8mm
T543X337M010ATE010 Tantalum, Polymer Tantalum, COTS, T543_COTS, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, COTS, Up Screening, N/A, 10mOhms, Height Max = 4.3mm
T494B226K016AT Tantalum, MnO2 Tantalum, T494, 22 uF, 10%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm

PREMIER DEVICES, INC.
S10040280GT GaAs Push Pull Hybrid 40 - 1000MHz 28.0dB min. Gain @ 1000MHz 260mA max. @ 24VDC

Kemet Corporation
T525D477M2R5ATE025 Tantalum, Polymer Tantalum, T525, 470 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 3.1mm

Altera Corporation
5M160ZM100I5N DC and Switching Characteristics for MAX V Devices

Kemet Corporation
T541X336M035AH6610 T541_COTS, Tantalum, Polymer Tantalum, COTS Multi-Anode, 33 uF, 20%, 35 V, SMD, Polymer, Molded, COTS, Multi-Anode, Low ESR, N/A, 60 mOhms, 7343, Height Max = 4.3mm

Axiomtek Co., Ltd.
CEM860_16 2 DDR3-1066/1333 SO-DIMMs max. up to 16 GB

Kemet Corporation
T521W476M016ATE040 Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T491C226K020AT Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, 1.2 Ohms, Height Max = 2.8mm

Cypress Semiconductor
CY7C341B 192-Macrocell MAX EPLD

Kemet Corporation
T520B336M010ATE025 Tantalum, Polymer Tantalum, T520, 33 uF, 20%, 10 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 2.1mm

Axiomtek Co., Ltd.
MANO800 2 DDR3-1066/1333 MHz max. up to 8 GB

Kemet Corporation
T495D107K016AHE125 T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm

Prev 1 2 3 4 5 6 7 8 9 10 Next >


Prev 1 2 3 4 5 Next >