Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



MAX Fiches techniques, Datasheet

Description trouvée : 'MAX' - Totale: 1888 (10/95) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
T499A155K016ATE8K0 Tantalum, MnO2 Tantalum, High Temperature, T499, 1.5 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm

Altera Corporation
5M160ZT100C5N DC and Switching Characteristics for MAX V Devices

Kemet Corporation
T520T686M006ATE150 T520, Tantalum, Polymer Tantalum, 68 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 150 mOhms, 3528, Height Max = 1.2mm

Axiomtek Co., Ltd.
EBOX622-830-FL 204-pin DDR3-800/1066 SO-DIMM max. up to 4 GB

Kemet Corporation
T543D107K016ATE035 Tantalum, Polymer Tantalum, COTS, T543_COTS, 100 uF, 10%, 16 V, 7343, SMD, Polymer, Molded, COTS, Up Screening, N/A, 35mOhms, Height Max = 3.1mm
T495D476M016ATE150 Tantalum, MnO2 Tantalum, T495, 47 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 3.1mm

Texas Instruments
REF3012 50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE

Kemet Corporation
T491D475K050AT Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 1.2 Ohms, Height Max = 3.1mm

Linear Technology
LTC2654 Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference

Kemet Corporation
T521W476M016ATE045 Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 45mOhms, Height Max = 1.5mm

Emcore Corporation
5021D-A15 5021D-A15 3 GHz, 65 us Max External Fiber Delay Line System

Kemet Corporation
T520B107M004ATE035 T520, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, 3528, Height Max = 2.1mm

PETERMANN-TECHNIK
SXO18LP-02016 High reliability for low cost / Stand-by current 10μA max.

Kemet Corporation
T494D477M006AT Tantalum, MnO2 Tantalum, T494, 470 uF, 20%, 6.3 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 3.1mm
T491A225K006AT Tantalum, MnO2 Tantalum, T491, 2.2 uF, 10%, 6.3 V, 3216, SMD, MnO2, Molded, 8 Ohms, Height Max = 1.8mm

PREMIER DEVICES, INC.
D8740150GTH GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, High, 440mA max. @ 24VDC

Kemet Corporation
T499A225K010ATE8K0 Tantalum, MnO2 Tantalum, High Temperature, T499, 2.2 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 8 Ohms, Height Max = 1.8mm

Rohm
BR25L-E Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal

Kemet Corporation
T520V226M020ATE040 T520, Tantalum, Polymer Tantalum, 22 uF, 20%, 20 V, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40 mOhms, 7343, Height Max = 1.9mm

TOKO, Inc
UCMH0907 Rated DC Current 5.0A Max

Prev 1 2 3 4 5 6 7 8 9 10 Next >


< Prev 6 7 8 9 10 Next >