Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

MATE Fiches techniques, Datasheet

Description trouvée : 'MATE' - Totale: 164 (1/9) Page
FabricantNo de pièceVoirDescription

ERNI Electronics
DC0000121 M10 Mspeed Blind Mate 50 SMD
DC0007568 M02 Mspeed Blind Mate 50 SMD

Molex Electronics Ltd.
0452800852 3.00mm Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row
0746951102 2.00mm Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Open End Version, Advanced Mate Shield, 40 Circuits, Pin Length 6.25mm
0740579101 VHDM Single-Ended Board-to-Board Backplane Header, 2.00mm Pitch, Vertical, 6-Rows, Open Signal Module, 60 Circuits, 10 Columns, Advance Mate Shield, Pin Length
0740609104 2.00mm Pitch VHDM Single-Ended Board-to-Board Backplane Header, Vertical, 8 Rows, Open Signal Module, 80 Circuits, 10 Columns, Advance Mate Shield, Pin Length 5.15mm, Lead-Free

AVX Corporation
9155-800 Vertical Mate Connector 2.0mm Pitch

Molex Electronics Ltd.
0452800802 3.00mm Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical
15-24-7043 RECEPTACLE HEADER ASSY MINI-FIT SERIES BLIND MATE
0452802403 3.00mm Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row

List of Unclassifed Man...
310-010-6040G Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.

Molex Electronics Ltd.
0039014031 4.20mm Pitch Mini-Fit Jr.™ Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 3 Circuits, First Mate Last Break
0452800403 3.00mm Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 4 Circuits, PA Polyamide Nylon 4/6, UL 94V-0
0746502602 2.00mm Pitch 8-Row VHDM-HSD™ Backplane Header, Guide Pin SignalModule, Signal Pin End Version, Advanced Mate Shield, 150 Circuits, Pin Length

ERNI Electronics
DC0000118 M01 Mspeed Blind Mate 50 SMD

Molex Electronics Ltd.
0452802203 3.00mm Pitch Micro-Fit 3.0 BMI CPI™Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 22 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, 0.76μm Gold (Au) Selective Contact Plating
0452801403 3.00mm Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 14 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, 0.76μm Gold (Au) Selective Contact Plating
0746491102 2.00mm (.079) Pitch 8-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Open End Version, Advanced Mate Shield, 80 Circuits

ERNI Electronics
354183 M02 MSpeed Blind Mate 50 SMD

Molex Electronics Ltd.
0452801801 3.00mm Pitch Micro-Fit 3.0 BMI CPI™ Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 18 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating

  1 2 3 4 5 6 7 8 9